Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM9704CFT/V Fiches technique(PDF) 28 Page - Wolfson Microelectronics plc

No de pièce WM9704CFT/V
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704CFT/V Fiches technique(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM9704CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9704CFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
WM9704Q
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
28
Figure 13 illustrates one example of a procedure to do a complete powerdown of the WM9704Q.
From normal operation sequential writes to the Powerdown Register are performed to powerdown the
WM9704Q a piece at a time. After everything has been shut off (PR0 to PR3 set), a final write (of
PR4) can be executed to shut down the WM9704Q’s digital interface (AC-link).
The part will remain in sleep mode with all its registers holding their static values. To wake up the
WM9704Q, the AC’97 controller will send a pulse on the sync line issuing a warm reset. This will
restart the WM9704Q’s digital interface (resetting PR4 to 0). The WM9704Q can also be woken up
with a cold reset. A cold reset will cause a loss of values of the registers, as a cold reset will set them
to their default states. When a section is powered back on, the Powerdown Control/Status Register
(26h) should be read to verify that the section is ready (i.e. stable) before attempting any operation
that requires it.
Alternatively if RESETB is held low, all PR bits are held set so the device is held powered off until
RESETB is taken high again.
PR1 = 1
PR2 = 1
PR4 = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2
OR PR3
DIGITAL I/F
OFF PR4
WARM RESET
PR1 = 0 AND
DAC = 1
PR2 = 0 AND
ANL = 1
SHUT OFF
CODA LINK
Figure 14 The WM9704Q Powerdown/Flow with Analogue Still Alive
Figure 14 illustrates a state when all the mixers should work with the static volume settings that are
contained in their associated registers. This is used when the user is playing a CD (or external
LINE_IN source) through WM9704Q to the speakers but has most of the system in low power mode.
The procedure for this follows the previous procedure except that the analogue mixer is never shut
down.
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26h)
Note that in order to go into ultimate low power mode, PR5 is required to be set which turns off the
oscillator circuit. Asserting SYNC resets the PR5 bit and re-starts the oscillator in the same was as
the AC link is restarted.
Also when RESETB pin is asserted low, all PR bits are over-ridden and the entire device is powered
off to ultra low power state for as long as RESETB = low. On releasing RESETB, the device is reset
(all active) and powered up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35