| Moteur de recherche de fiches techniques de composants électroniques |
|
BD9853AFV Fiches technique(PDF) 13 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BD9853AFV Fiches technique(HTML) 13 Page - Rohm |
|
13 / 17 page ![]() BD9853AFV Technical Note 13/16 www.rohm.com 2009.05 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. ● Recommended Board Patterns There are two current loops at the behavior of switching regulator. When laying a pattern on the board, put these elements near to minimize these current loops and make the lines as short and wide as possible. And connect all GND lines at one point to reduce effects caused by above current noise to other lines. a pattern example of switching part Place following parts with attention about patterns ・ Place CVCC, CREGA, RRT, CREGB as near to the pin as possible. ・ Pattern area has to be small enough to reduce parasitic capacitance with RT terminal. C IN P MOS N MOS SBD L COUT INV GND(IC) GND(others) VOUT 1 2 3 4 5 6 7 8 10 9 11 12 13 14 15 16 VCC REGA RT REGB CREGB CVCC CREGA RRT GND GND VCC REGB L SBD PMOS NMOS COUT C IN |