| Moteur de recherche de fiches techniques de composants électroniques |
|
P2715 Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
P2715 Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 2 page ![]() MP6250 – P2715 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 2 GaAs Flip Chip PIN Diodes TM ® Copyright 2008 Rev: 2009-01-19 P2715 INCHES MM DIM MIN. MAX. MIN. MAX. A 0.0270 0.0280 0.686 0.711 B 0.0145 0.0155 0.368 0.393 C 0.0030 0.0040 0.076 0.102 D 0.0079 0.0089 0201 0.226 E 0.0170 0.0180 0.432 0.457 F 0.0060 0.0070 0.152 0.178 G 0.0047 0.0057 0.119 0.145 H 0.0035 0.0045 0.089 0.114 J 0.0035 0.0045 0.089 0.114 A E J B D CATHODE C G F H Spice Model Parameters IS RS N TT CJ0 CP M EG VJ BV IBV A Sec pF pF eV V V A 1E-13 1 2 0 0.025 0.02 0.50 1.42 1.2 40 1E-05 IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com Specifications are subject to change. Consult factory for the latest information . These devices are ESD sensitive and must be handled using ESD precautions. 1 The MP6250 Series of products are supplied with a RoHS complaint Gold finish . |