| Moteur de recherche de fiches techniques de composants électroniques |
|
C970501 Fiches technique(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
C970501 Fiches technique(HTML) 1 Page - Microsemi Corporation |
|
1 / 2 page ![]() MDU19xx Series Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 1 WAVEGUIDE TRANSCEIVERS Fixed Frequency TM ® Copyright 2008 Rev: 2009-02-10 Features Low cost Standard Waveguide output Rugged, Reliable Construction Low Power Consumption High Sensitivity Description The MDU (Motion Detector Unit) is an X-Band microwave transceiver that utilizes the Doppler shift phenomenon to "sense" motion. The unit, contained in a rugged diecast housing, features a dielectric resonator stabilized FET oscillator, which provides stable operation over a broad temperature range in either CW or low duty cycle pulse mode. The unit is available as a “transmit only” unit, with a single mixer or with a pair of orthogonal mixers for direction sensing applications. Applications Traffic Control Automatic Door Openers Speed Measurement Direction of motion detection Energy Management Systems Sports Radar Guns This document only gives a general description of the product and shall not form part of any contract. Microwave Solutions pursue a policy of continuous product improvement and reserve the right from time to time to amend the specifications of products. |
Numéro de pièce similaire - C970501 |
|
Description similaire - C970501 |