Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRF100 Fiches technique(PDF) 3 Page - Microsemi Corporation

No de pièce DRF100
Description  MOSFET Driver Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF100 Fiches technique(HTML) 3 Page - Microsemi Corporation

  DRF100 Datasheet HTML 1Page - Microsemi Corporation DRF100 Datasheet HTML 2Page - Microsemi Corporation DRF100 Datasheet HTML 3Page - Microsemi Corporation DRF100 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The Function (FN, pin 3) is the invert or non-invert select Pin, it is Internally held high, Normally Non-inverting.
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 and foreign patents. US and Foreign patents pending. All Rights Reserved.
DRF100
The Test Circuit illustrated above was used to evaluate the DRF100 (available as an evaluation Board DRF100 / EVALSW.) The input control
signal is applied to the DRF100 via IN(4) and SG(5) pins using RG188. This provides excellent noise immunity and control of the signal
ground currents.
The +V
DD inputs (2,6) are by-passed (C1, C2, C4-C9), this is in addition to the internal by-passing mentioned previously. The capacitors used
for this function must be capable of supporting the RMS currents and frequency of the gate load.
Figure 2, DRF100 Test Circuit
Truth Table *Referenced to SG
FN (pin 3)*
IN (pin 4)*
Function
OUTPUT
HIGH
HIGH
Non-Invert
HIGH
HIGH
LOW
Non-Invert
LOW
LOW
HIGH
Inverting
LOW
LOW
LOW
Inverting
HIGH



Html Pages

1 2 3 4