| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F2L358CNFP Fiches technique(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L358CNFP Fiches technique(HTML) 27 Page - Renesas Technology Corp |
|
27 / 76 page ![]() REJ03B0293-0020 Rev.0.20 Mar 12, 2010 Page 25 of 72 Under development Preliminary specification Specifications in this manual are tentative and subject to change. R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group 2. Central Processing Unit (CPU) 2. Central Processing Unit (CPU) Figure 2.1 shows the CPU Registers. The CPU contains 13 registers. R0, R1, R2, R3, A0, A1, and FB configure a register bank. There are two sets of register banks. Figure 2.1 CPU Registers R2 b31 b15 b8b7 b0 Data registers (1) Address registers (1) R3 R0H (high-order of R0) R2 R3 A0 A1 INTBH b15 b19 b0 INTBL FB Frame base register (1) The 4 high-order bits of INTB are INTBH and the 16 low-order bits of INTB are INTBL. Interrupt table register b19 b0 USP Program counter ISP SB User stack pointer Interrupt stack pointer Static base register PC FLG Flag register Carry flag Debug flag Zero flag Sign flag Register bank select flag Overflow flag Interrupt enable flag Stack pointer select flag Reserved bit Processor interrupt priority level Reserved bit C IPL D Z S B O I U b15 b0 b15 b0 b15 b0 b8 b7 Note: 1. These registers configure a register bank. There are two sets of register banks. R1H (high-order of R1) R0L (low-order of R0) R1L (low-order of R1) |