Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APTDF60H601G Fiches technique(PDF) 4 Page - Microsemi Corporation

No de pièce APTDF60H601G
Description  Fast Diode Full Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDF60H601G Fiches technique(HTML) 4 Page - Microsemi Corporation

  APTDF60H601G Datasheet HTML 1Page - Microsemi Corporation APTDF60H601G Datasheet HTML 2Page - Microsemi Corporation APTDF60H601G Datasheet HTML 3Page - Microsemi Corporation APTDF60H601G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APTDF60H601G
www.microsemi.com
4- 4
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4