Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APTDC30H1201G Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce APTDC30H1201G
Description  SiC Diode Full Bridge Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDC30H1201G Fiches technique(HTML) 2 Page - Microsemi Corporation

  APTDC30H1201G Datasheet HTML 1Page - Microsemi Corporation APTDC30H1201G Datasheet HTML 2Page - Microsemi Corporation APTDC30H1201G Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTDC30H1201G
www.microsemi.com
2- 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
1.6
1.8
VF
Diode Forward Voltage
IF = 30A
Tj = 175°C
2.3
3.0
V
Tj = 25°C
96
600
IRM
Maximum Reverse Leakage Current
VR = 1200V
Tj = 175°C
168
3000
µA
QC
Total Capacitive Charge
IF = 30A, VR = 600V
di/dt =1500A/µs
120
nC
f = 1MHz, VR = 200V
288
C
Total Capacitance
f = 1MHz, VR = 400V
207
pF
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal Resistance
0.63
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
175
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque
Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
80
g
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com



Html Pages

1 2 3