Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1065AEUI Fiches technique(PDF) 13 Page - Maxim Integrated Products

No de pièce MAX1065AEUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065AEUI Fiches technique(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1065AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 11Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 12Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 13Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
______________________________________________________________________________________
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D5
D4
D3
D2
D1
D0
REFADJ
N.C.
N.C.
DVDD
DGND
CS
RESET
REF
AGND
AIN
AGND
AVDD
EOC
R/C
D13
D12
D11
D10
D9
D8
D7
D6
TSSOP
TOP VIEW
MAX1065
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
D3/D11
D2/D10
D1/D9
D0/D8
D7/0
D6/0
D5/D13
D4/D12
DVDD
DGND
CS
HBEN
AGND
AVDD
EOC
R/C
12
11
9
10
REF
REFADJ
AGND
AIN
MAX1066
TSSOP
Pin Configurations
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in the
package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the
package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 SSOP
U28-1
21-0066
20 SSOP
U20-2
21-0066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14