| Moteur de recherche de fiches techniques de composants électroniques |
|
BVM-SL3R2S Fiches technique(PDF) 5 Page - Bright View Electronic Co., LTD. |
|
|
|||||||||||||||||||||||||||||
BVM-SL3R2S Fiches technique(HTML) 5 Page - Bright View Electronic Co., LTD. |
|
5 / 5 page ![]() ■ CAUTIONS 1. Over voltage A. Drive the product over the specified current/voltage rating per unit or per reel will damage the product. B. The product should not be used in reverse polarity. C. It is recommended to use a power supply with overload (over-voltage, short circuit and overheat) protection. 2. Storage & Handling A. Open the anti-electrostatic bag only a short time before use. B. The product should be storage in an environment with the relative humidity less than 90% RH (@30 degree C or less). Bright View Electronics FLEX STRIP LIGHT BVM-SL3 Series Date :2008/7/4 Page 5 of 5 PRELIMINARY |