Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBJ15005 Fiches technique(PDF) 2 Page - RFE international

No de pièce KBJ15005
Description  BRIDGE RECTIFIERS 10 Amps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFE [RFE international]
Site Internet  http://www.rfeinc.com
Logo RFE - RFE international

KBJ15005 Fiches technique(HTML) 2 Page - RFE international

  KBJ15005 Datasheet HTML 1Page - RFE international KBJ15005 Datasheet HTML 2Page - RFE international KBJ15005 Datasheet HTML 3Page - RFE international KBJ15005 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BRIDGE RECTIFIERS
10 to 15 Amps
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
µ
Peak Repetitive
Reverse Voltage
Max Avg
Rectified
Current
Max. Peak
Fwd Surge
Current
Max Reverse
Current
VRRM
IO
IFSM
IR@VR
V
A
A
V
A
A
MP10005
50
10.0
300
1.0
5.0
10
MP1001
100
10.0
300
1.0
5.0
10
MP1002
200
10.0
300
1.0
5.0
10
MP1004
400
10.0
300
1.0
5.0
10
MP1006
600
10.0
300
1.0
5.0
10
MP1008
800
10.0
300
1.0
5.0
10
MP1010
1000
10.0
300
1.0
5.0
10
MP10005W
50
10.0
300
1.0
5.0
10
MP1001W
100
10.0
300
1.0
5.0
10
MP1002W
200
10.0
300
1.0
5.0
10
MP1004W
400
10.0
300
1.0
5.0
10
MP1006W
600
10.0
300
1.0
5.0
10
MP1008W
800
10.0
300
1.0
5.0
10
MP1010W
1000
10.0
300
1.0
5.0
10
MP10005S
50
10.0
300
1.0
5.0
10
MP1001S
100
10.0
300
1.0
5.0
10
MP1002S
200
10.0
300
1.0
5.0
10
MP1004S
400
10.0
300
1.0
5.0
10
MP1006S
600
10.0
300
1.0
5.0
10
MP1008S
800
10.0
300
1.0
5.0
10
MP1010S
1000
10.0
300
1.0
5.0
10
KBU15005
50
15.0
300
1.0
7.5
10
KBU1501
100
15.0
300
1.0
7.5
10
KBU1502
200
15.0
300
1.0
7.5
10
KBU1504
400
15.0
300
1.0
7.5
10
KBU1506
600
15.0
300
1.0
7.5
10
KBU1508
800
15.0
300
1.0
7.5
10
KBU1510
1000
15.0
300
1.0
7.5
10
GBU15005
50
15.0
240
1.1
7.5
10
GBU1501
100
15.0
240
1.1
7.5
10
GBU1502
200
15.0
240
1.1
7.5
10
GBU1504
400
15.0
240
1.1
7.5
10
GBU1506
600
15.0
240
1.1
7.5
10
GBU1508
800
15.0
240
1.1
7.5
10
GBU1510
1000
15.0
240
1.1
7.5
10
GBJ15005
50
15.0
240
1.1
7.5
10
GBJ1501
100
15.0
240
1.1
7.5
10
GBJ1502
200
15.0
240
1.1
7.5
10
GBJ1504
400
15.0
240
1.1
7.5
10
GBJ1506
600
15.0
240
1.1
7.5
10
GBJ1508
800
15.0
240
1.1
7.5
10
GBJ1010
1000
15.0
240
1.1
7.5
10
KBJ15005
50
15.0
240
1.1
7.5
10
KBJ1501
100
15.0
240
1.1
7.5
10
KBJ1502
200
15.0
240
1.1
7.5
10
KBJ1504
400
15.0
240
1.1
7.5
10
KBJ1506
600
15.0
240
1.1
7.5
10
KBJ1508
800
15.0
240
1.1
7.5
10
KBJ1510
1000
15.0
240
1.1
7.5
10
RFE Part
Number
Forward
Voltage
Drop
Package
Outline
(Typical Size in inches)
VF@IF
10.0 AMP Single-Phase Bridge Rectifiers (Cont'd)
15.0 AMP Single-Phase Bridge Rectifiers
GBJ
KBJ
MPW
MPS
KBU
GBU
MP
MPS
MPW
MP
GBJ
GBU
KBJ
KBU
C3D03S
REV 2009.12.21



Html Pages

1 2 3 4