| Moteur de recherche de fiches techniques de composants électroniques |
|
IA0405-R47MA Fiches technique(PDF) 1 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
IA0405-R47MA Fiches technique(HTML) 1 Page - RFE international |
|
|
1 / 1 page ![]() C4C02 REV 2004.5.24 THRU-HOLE INDUCTORS IA Series: Axial Leaded, Low Current •Epoxy coated •Operating temperature: -25°C to 85°C FEATURES A d l B HOW TO MAKE A PART NUMBER IA0204 - 3R9 K R (1) (2) (3) (4) 1 - Size Code 2 - Inductance Code 3 - Tolerance Code (K or M) 4 - Packaging: R - Tape & Reel A - Tape & Ammo* Omit for Bulk Test Q SRF RDC IDC Q SRF RDC IDC Q SRF RDC IDC Q SRF RDC IDC Code uH ±% Code FREQ. (min) MHz W mA (min) MHz W mA (min) MHz W mA (min) MHz W mA (MHz) (min) (max) (max) (min) (max) (max) (min) (max) (max) (min) (max) (max) R10 .10 20 M 25.2 35 300 0.18 700 45 480 0.06 1400 50 480 0.06 1700 R12 .12 20 M 25.2 35 300 0.20 660 45 450 0.06 1350 50 450 0.06 1640 R15 .15 20 M 25.2 35 300 0.22 620 45 420 0.07 1270 50 420 0.07 1560 R18 .18 20 M 25.2 35 300 0.24 600 45 400 0.07 1200 50 400 0.07 1480 R22 .22 20 M 25.2 35 150 0.40 400 45 380 0.08 1150 50 200.0 0.08 1400 50 380 0.08 1400 R27 .27 20 M 25.2 35 150 0.43 380 45 360 0.09 1110 50 180.0 0.09 1350 50 340 0.09 1320 R33 .33 20 M 25.2 35 150 0.48 370 45 320 0.10 1110 50 160.0 0.10 1300 50 300 0.10 1280 R39 .39 20 M 25.2 35 150 0.51 350 45 310 0.12 1000 50 140.0 0.11 1250 50 280 0.12 1200 R47 .47 20 M 25.2 35 150 .0.56 330 45 300 0.12 1000 50 130.0 0.12 1200 50 250 0.13 1150 R56 .56 20 M 25.2 35 150 0.61 320 45 280 0.18 950 50 120.0 0.14 1150 50 230 0.14 1100 R68 .68 20 M 25.2 35 150 0.67 310 45 240 0.20 900 50 120.0 0.15 1100 50 210 0.15 1030 R82 .82 20 M 25.2 35 150 0.74 290 45 200 0.22 900 50 90.0 0.16 1050 50 172 0.16 980 1R0 1.0 20 M 25.2 35 150 0.80 270 45 180 0.25 815 50 85.0 0.17 1000 50 157 0.17 920 1R2 1.2 20 M 7.96 40 11 0.90 260 45 160 0.28 740 50 80.0 0.18 900 50 144 0.18 880 1R5 1.5 20 M 7.96 40 80 1.00 250 45 140 0.30 700 50 75.0 0.20 800 50 131 0.20 830 1R8 1.8 20 M 7.96 40 60 1.10 240 45 120 0.35 655 50 57.0 0.22 770 50 121 0.22 790 2R2 2.2 20 M 7.96 40 45 1.20 230 45 110 0.40 630 50 47.0 0.24 750 50 110 0.24 750 2R7 2.7 20 M 7.96 40 40 1.30 220 45 85 0.45 595 50 42.0 0.26 710 60 100 0.25 720 3R3 3.3 10 K 7.96 40 38 1.40 210 45 74 0.50 575 50 37.0 0.28 670 60 94 0.30 670 3R9 3.9 10 K 7.96 40 35 1.50 200 45 62 0.55 555 50 35.0 0.30 620 60 86 0.35 640 4R7 4.7 10 K 7.96 40 32 1.70 190 45 48 0.60 530 50 31.0 0.34 560 70 80 0.40 620 5R6 5.6 10 K 7.96 40 30 1.90 180 45 35 0.65 500 50 27.0 0.45 540 70 74 0.45 590 6R8 6.8 10 K 7.96 40 28 2.00 175 45 28 0.70 470 50 25.0 0.50 520 70 68 0.50 550 8R2 8.2 10 K 7.96 40 26 2.20 165 45 20 0.80 425 50 23.0 0.57 490 80 53 0.60 530 100 10 10 K 7.96 40 24 2.50 160 45 18 0.85 370 50 21.0 0.62 460 80 40 0.65 500 120 12 10 K 2.52 40 22 2.50 150 45 16 0.90 350 50 18.0 0.90 360 70 34 0.70 480 150 15 10 K 2.52 40 20 2.80 145 45 14 1.00 335 50 16.0 1.00 340 70 20 0.75 460 180 18 10 K 2.52 40 18 3.10 140 45 12 1.20 315 50 15.0 1.10 310 60 14 0.80 430 220 22 10 K 2.52 40 17 3.40 100 45 10 135 285 50 13.0 1.20 280 60 909 0.90 410 270 27 10 K 2.52 40 16 4.30 80 45 9 1.80 270 50 12.0 1.30 260 50 7.6 1.00 390 330 33 10 K 2.52 40 14 4.70 75 45 8 2.10 255 50 11.0 1.70 240 50 6.5 1.10 370 390 39 10 K 2.52 40 13 5.20 74 45 7.5 2.30 240 50 10.0 1.90 220 50 6.5 1.20 350 470 47 10 K 2.52 40 12 5.80 70 50 7 2.60 205 50 10.0 2.20 210 45 6.3 1.30 340 560 56 10 K 2.52 40 11 6.40 68 50 6.5 2.90 195 50 9.0 2.40 190 45 6.2 1.50 320 680 68 10 K 2.52 40 10 7.20 64 50 6 3.20 185 50 8.5 3.00 175 40 5.7 1.80 305 820 82 10 K 2.52 40 9.5 11.0 46 50 5.5 3.80 175 50 8.0 3.30 165 35 5.3 2.00 290 101 100 10 K 2.52 40 9.0 12.0 44 50 5 4.20 165 50 7.0 4.00 155 30 4.8 2.50 275 121 120 10 K 0.796 40 8.0 13.0 42 50 4.8 4.50 160 50 6.5 4.50 145 60 3.8 3.00 185 151 150 10 K 0.796 40 6.0 16.0 39 50 4.5 5.00 150 50 6.0 4.90 130 60 3.5 4.00 175 181 180 10 K 0.796 40 5.5 18.0 37 50 4 6.00 140 50 5.3 6.00 125 60 3.0 4.50 165 221 220 10 K 0.796 40 5.0 20.0 35 50 3.5 7.00 130 50 5.0 7.00 120 60 2.8 5.00 155 271 270 10 K 0.796 40 4.6 25.0 28 50 3 7.50 120 50 4.6 9.00 105 60 2.6 6.00 145 331 330 10 K 0.796 40 4.2 30.0 26 50 2.8 8.00 100 50 4.2 13.00 95 60 2.4 6.50 137 391 390 10 K 0.796 40 3.8 34.0 25 50 2.6 10.0 95 50 3.8 15.00 90 55 2.0 7.50 133 471 470 10 K 0.796 40 3.5 38.0 24 50 2.4 13.0 90 50 3.4 17.00 80 50 1.8 8.50 126 561 560 10 K 0.796 50 2.0 15.0 85 50 2.8 19.00 75 50 1.6 9.50 120 681 680 10 K 0.796 50 1.8 16.0 75 50 2.6 21.00 70 45 1.6 12.0 113 821 820 10 K 0.796 50 1.6 23.0 65 50 2.4 25.00 60 45 1.4 14.0 105 102 1000 10 K 0.796 50 1.4 26.0 60 50 2.2 31.00 55 40 1.2 20.0 85 IA0405 Size:A=4.8(max),B=3.8(max) D=0.6, l=25(typ.) Inductance Tolerance Size:A=3.4(max),B=2.3(max) IA0204 d=0.45, l=20(typ.) IA0307 Size:A=7.5(max),B=3.0(max) d=0.5, l=25(typ.) IA0410 Size:A=10.5(max),B=4.0(max) d=0.65, I=25(typ.) Other similar sizes (IA 0205 and IA 0512) and specifications can be available. Contact RFE International Inc. For details. * T-52 Tape & Ammo Pack, per EIA RS-296, is standard tape package. RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com |
Numéro de pièce similaire - IA0405-R47MA |
|
Description similaire - IA0405-R47MA |