| Moteur de recherche de fiches techniques de composants électroniques |
|
TA31002 Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TA31002 Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() UTCTA31002 LINEAR INTEGRATED CIRCUIT UTC UNISONIC TECHNOLOGIES CO., LTD. 3 QW-R108-004,A APPLICATION NOTE In the TA31002 the initiation current consumption (Isi) can be changed by using the RSL terminal. The resistor RSL is connected to GND from PIN2 as shown in fig.1. Further, the initation current consumption(Isi) can be changed by changing the value of RSL. Fig.2 show the graph of Vs-Is characteristic at the time when RSL has been changed to three values. The Vs-Is characteristic in TA31002 at the time when RSL=6.8k Ω coincides with that at the time when PIN2 of the TA31001 has been used at an open state. FIG.1 FIG.2 TA31002 1 5 2 GND Vs LS RSL 10 20 30 1 2 3 4 5 Vsus Vsi SUPPLY VOLTAGE (V) RSL=3.3k Ω RSL=6.8k Ω RSL=13k Ω CURRENT CONSUMPTION (mA) Is Vs |