Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT77S11 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc

No de pièce HT77S11
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT77S11 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc

  HT77S11 Datasheet HTML 1Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 2Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 3Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 4Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 5Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 6Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Block Diagram
Note:
* The FB pin is connected to an external resistive divider, OUT or GND pins to set the output voltage.
Pin Assignment
HT77S10/HT77S11
Rev. 1.00
2
February 3, 2010
1
2
3
4
8
7
6
5
F B
L B I
L B O
R E F
O U T
L X
G N D
S H D N
H T 7 7 S 1 0 / H T 7 7 S 1 1
8 M S O P - A / S O P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16