| Moteur de recherche de fiches techniques de composants électroniques |
|
HT66F40 Fiches technique(PDF) 24 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F40 Fiches technique(HTML) 24 Page - Holtek Semiconductor Inc |
|
24 / 246 page ![]() HT66F20/HT66F30/HT66F40/HT66F50/HT66F60 HT66FU30/HT66FU40/HT66FU50/HT66FU60 Rev. 1.10 24 February 1, 2010 0 0 H 0 1 H 0 2 H 0 3 H 0 4 H 0 5 H 0 6 H 0 7 H 0 8 H 0 9 H 0 A H 0 B H 0 C H 0 D H 0 E H 0 F H 1 0 H 1 1 H 1 2 H 1 3 H 1 4 H 1 5 H 1 6 H 1 7 H 1 8 H 1 9 H 1 A H 1 B H 1 C H 1 D H 1 E H 1 F H 2 0 H 2 1 H 2 2 H 2 3 H 2 4 H 2 5 H 2 6 H 2 7 H 2 8 H 2 9 H 2 A H 2 B H 2 C H 2 D H 2 E H 2 F H I A R 0 M P 0 I A R 1 M P 1 B P A C C P C L T B L P T B L H T B H P S T A T U S S M O D L V D C I N T E G W D T C T B C I N T C 0 I N T C 1 I N T C 2 U n u s e d M F I 0 M F I 1 M F I 2 U n u s e d P A W U P A P U P A P A C P B P U P B P B C P C P U P C P C C U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d A D R L A D R H 3 0 H 3 1 H 3 2 H 3 3 H 3 4 H 3 5 H 3 6 H 3 7 H 3 8 H 3 9 H 3 A H 3 B H 3 C H 3 D H 3 E H 3 F H 4 0 H 4 1 H 4 2 H 4 3 H 4 4 H 4 5 H 4 6 H 4 7 H 4 8 H 4 9 H 4 A H 4 B H 4 C H 4 D H 4 E H 4 F H 5 0 H 5 1 H 5 2 H 5 3 H 5 4 H 5 5 H 5 6 H 5 7 H 5 8 H 5 9 H 5 A H 5 B H 5 C H 5 D H 5 E H 5 F H A D C R 0 A D C R 1 A C E R L U n u s e d C P 0 C C P 1 C S I M C 0 S I M C 1 S I M D S I M A / S I M C 2 T M 0 C 0 T M 0 C 1 T M 0 D L T M 0 D H T M 0 A L T M 0 A H U n u s e d E E C E E A E E D T M P C 0 U n u s e d P R M 0 U n u s e d U n u s e d T M 1 C 0 T M 1 C 1 T M 1 C 2 T M 1 D L T M 1 D H T M 1 A L T M 1 A H T M 1 B L T M 1 B H U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d S C O M C U n u s e d B a n k 0 , 1 , 2 B a n k 0 , 2 B a n k 1 HT66F30 Special Purpose Data Memory 0 0 H 0 1 H 0 2 H 0 3 H 0 4 H 0 5 H 0 6 H 0 7 H 0 8 H 0 9 H 0 A H 0 B H 0 C H 0 D H 0 E H 0 F H 1 0 H 1 1 H 1 2 H 1 3 H 1 4 H 1 5 H 1 6 H 1 7 H 1 8 H 1 9 H 1 A H 1 B H 1 C H 1 D H 1 E H 1 F H 2 0 H 2 1 H 2 2 H 2 3 H 2 4 H 2 5 H 2 6 H 2 7 H 2 8 H 2 9 H 2 A H 2 B H 2 C H 2 D H 2 E H 2 F H 3 0 H 3 1 H 3 2 H 3 3 H 3 4 H 3 5 H 3 6 H 3 7 H 3 8 H 3 9 H 3 A H 3 B H 3 C H 3 D H 3 E H 3 F H 4 0 H 4 1 H 4 2 H 4 3 H 4 4 H 4 5 H 4 6 H 4 7 H 4 8 H 4 9 H 4 A H 4 B H 4 C H 4 D H 4 E H 4 F H 5 0 H 5 1 H 5 2 H 5 3 H 5 4 H 5 5 H 5 6 H 5 7 H 5 8 H 5 9 H 5 A H 5 B H 5 C H 5 D H 5 E H 5 F H 6 0 H 6 1 H 6 2 H 6 3 H 6 4 H 6 5 H 6 6 H 6 7 H 6 8 H 6 9 H 6 A H 6 B H 6 C H 6 D H 6 E H 6 F H 7 0 H 7 1 H 7 2 H 7 3 H 7 4 H 7 5 H 7 6 H 7 7 H 7 8 H 7 9 H 7 A H 7 B H 7 C H 7 D H 7 E H 7 F H B a n k 0 , 1 B a n k 0 B a n k 1 U n u s e d E E C E E A E E D T M P C 0 T M P C 1 P R M 0 P R M 1 P R M 2 T M 1 C 0 T M 1 C 1 T M 1 C 2 T M 1 D L T M 1 D H T M 1 A L T M 1 A H T M 1 B L T M 1 B H T M 2 C 0 T M 2 C 1 T M 2 D L T M 2 D H T M 2 A L T M 2 A H T M 2 R P U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d S C O M C U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d U n u s e d I A R 0 M P 0 I A R 1 M P 1 B P A C C P C L T B L P T B L H T B H P S T A T U S S M O D L V D C I N T E G W D T C T B C I N T C 0 I N T C 1 I N T C 2 U n u s e d M F I 0 M F I 1 M F I 2 U n u s e d P A W U P A P U P A P A C P B P U P B P B C P C P U P C P C C P D P U P D P D C P E P U P E P E C P F P U P F P F C U n u s e d U n u s e d U n u s e d A D R L A D R H A D C R 0 A D C R 1 A C E R L U n u s e d C P 0 C C P 1 C S I M C 0 S I M C 1 S I M D S I M A / S I M C 2 T M 0 C 0 T M 0 C 1 T M 0 D L T M 0 D H T M 0 A L T M 0 A H HT66F40 Special Purpose Data Memory |