Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-5GL2-FD1 Fiches technique(PDF) 2 Page - Omron Electronics LLC

No de pièce SS-5GL2-FD1
Description  Snap Action Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-5GL2-FD1 Fiches technique(HTML) 2 Page - Omron Electronics LLC

  SS-5GL2-FD1 Datasheet HTML 1Page - Omron Electronics LLC SS-5GL2-FD1 Datasheet HTML 2Page - Omron Electronics LLC SS-5GL2-FD1 Datasheet HTML 3Page - Omron Electronics LLC SS-5GL2-FD1 Datasheet HTML 4Page - Omron Electronics LLC SS-5GL2-FD1 Datasheet HTML 5Page - Omron Electronics LLC SS-5GL2-FD1 Datasheet HTML 6Page - Omron Electronics LLC SS-5GL2-FD1 Datasheet HTML 7Page - Omron Electronics LLC SS-5GL2-FD1 Datasheet HTML 8Page - Omron Electronics LLC SS-5GL2-FD1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
96
Snap Action Switch
SS
Model Number Legend
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The dielectric strength values shown is measured using a separator between the switch and metal mounting plate.
3. For pin plunger models, the above value apply for use at the free position and total travel position. For the lever models, the values apply
at the total travel position.
Operating speed
0.1 mm to 1 m/second (pin plunger models)
Operating frequency
Mechanical: 400 operations per minute max.
Electrical: 30 operations per minute max.
Insulation resistance
100 M
Ω at 500 VDC
Contact resistance
150 gf:
SS-10, SS-5 models:
30 m
Ω max.
SS-01 models:
50 m
Ω max.
50 gf:
SS-5 models:
50 m
Ω max.
SS-01 models
100 m
Ω max.
25 gf:
SS-01 models
150 m
Ω max.
Dielectric strength (See note 2)
1,000 VAC (600 VAC for SS-01), 50/60 Hz for 1 minute between terminals of same polarity
1,500 VAC, 50/60 Hz for 1 minute between current-carrying metal parts and ground and between each
terminal and noncurrent-carrying metal parts
Vibration resistance (see note 3)
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance (see note 3)
150 gf:
Destruction: 1,000 m/s2 (approx. 100G) max.
Malfunction: 300 m/s2 (approx. 30G) max.
50 gf and 25gf:
Destruction: 500 m/s2 (approx. 50G) max.
Malfunction: 200 m/s2 (approx. 20G) max.
Degree of protection
IEC IP40
Degree of protection against
electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-25
° to 85°C (at 60% RH max.) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Service life
Mechanical:
30 million operations min. at 60 operations per minute (SS-01, SS-5)
10 million operations min. at 60 operations per minute (SS-10)
Electrical:
200,000 operations min. at 30 operations per minute (SS-01, SS-5)
50,000 operations min. at 30 operations per minute (SS-10)
Weight
Approx. 1.6 g pin plunger type
SS-
1.
Ratings
10:
10.1 A at 125 VAC
5:
5 A at 125 VAC
01:
0.1 A at 30 VDC
3.
Maximum Operating Force (see note)
None: 150 gf
-F:
50 gf (0.1A and 5A versions)
-E:
25 gf (0.1A versions)
4.
Contact Form
None: SPDT
-2:
SPST-NC
-3:
SPST-NO
Note: These OF values are for the pin plunger models.
2.
Actuator
None: Pin plunger
GL:
Hinge lever
GL13: Simulated roller lever
GL2:
Hinge roller lever
5.
Terminals
None: Solder terminals
T:
Quick-connect terminals (#110)
D:
Straight PCB terminals
D1:
Left-angled PCB terminals
D2:
Right-angled PCB terminals
3 4 5
2
1
Consult Omron regarding the following:
- SPST-NC and SPST-NO versions
- High temperature versions that are rated from -25
°C to 120°C
- Left and Right angled PCB terminal versions



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com