| Moteur de recherche de fiches techniques de composants électroniques |
|
XF2L Fiches technique(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XF2L Fiches technique(HTML) 2 Page - Omron Electronics LLC |
|
2 / 4 page ![]() 34 ZIF Slide-locking Connector (0.5-mm pitch) XF2L Dimensions Unit: mm XF2L- @@@5-1A Table of Dimensions 3.05 3.45 3.05 3.45 4.55 4.55 B C A 0.5 0.2 0.75 1.05 1 F E A±0.05 G±0.1 H±0.1 0.5±0.05 0.25 1±0.1 0.55±0.1 1.34±0.1 (D-0.1)±0.05 A±0.05 0.5±0.1 2.5 MIN. 0.5±0.05 0.35±0.03 X X Y Y 0.45 0.45 1.35 (Effective stacking length) 2.3 2.3 1.35 (Effective stacking length) 1.2 1.2 1.2 1.2 With slider open With slider open Applicable FPC Dimensions PCB Mating Dimensions (TOP VIEW) XF2L- 25-1A (Upper-contact Models) XF2L- 35-1A (Lower-contact Models) (5) Peinforcement board * 1.35 (Effective stacking length) T=0.3±0.03 (Conductive plating) * Use polyimide and thermoset adhesive for reinforcement film material. D FPC insertion dimension D FPC insertion dimension Cross-section diagram :X-X Cross-section diagram :Y-Y +0.05 0 Pins Upper Contact Lower Contact A B C D E F G H 4 XF2L-0425-1A - - - 1.5 5.9 6.9 2.6 5.88 6.88 5.28 7.28 5 - - - XF2L-0535-1A 2.0 6.4 7.4 3.1 6.38 7.38 5.78 7.78 6 XF2L-0625-1A XF2L-0635-1A 2.5 6.9 7.9 3.6 6.88 7.88 6.28 8.28 7 XF2L-0725-1A XF2L-0735-1A 3.0 7.4 8.4 4.1 7.38 8.38 6.78 8.78 8 XF2L-0825-1A XF2L-0835-1A 3.5 7.9 8.9 4.6 7.88 8.88 7.28 9.28 9 XF2L-0925-1A - - - 4.0 8.4 9.4 5.1 8.38 9.38 7.78 9.78 10 XF2L-1025-1A XF2L-1035-1A 4.5 8.9 9.9 5.6 8.88 9.88 8.28 10.28 12 XF2L-1225-1A XF2L-1235-1A 5.5 9.9 10.9 6.6 9.88 10.88 9.28 11.28 13 XF2L-1325-1A XF2L-1335-1A 6.0 10.4 11.4 7.1 10.38 11.38 9.78 11.78 15 - - - XF2L-1535-1A 7.0 11.4 12.4 8.1 11.38 12.38 10.78 12.78 18 XF2L-1825-1A XF2L-1835-1A 8.5 12.9 13.9 9.6 12.88 13.88 12.28 14.28 19 - - - XF2L-1935-1A 9.0 13.4 14.4 10.1 13.38 14.38 12.78 14.78 20 - - - XF2L-2035-1A 9.5 13.9 14.9 10.6 13.88 14.88 13.28 15.28 21 XF2L-2125-1A - - - 10.0 14.4 15.4 11.1 14.38 15.38 13.78 15.78 22 - - - XF2L-2235-1A 10.5 14.9 15.9 11.6 14.88 15.88 14.28 16.28 24 - - - XF2L-2435-1A 11.5 15.9 16.9 12.6 15.88 16.88 15.28 17.28 26 XF2L-2625-1A - - - 12.5 16.9 17.9 13.6 16.88 17.88 16.28 18.28 30 XF2L-3025-1A XF2L-3035-1A 14.5 18.9 19.9 15.6 18.88 19.88 18.28 20.28 |