Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJN2CE Fiches technique(PDF) 5 Page - Omron Electronics LLC

No de pièce MJN2CE
Description  General Purpose Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MJN2CE Fiches technique(HTML) 5 Page - Omron Electronics LLC

  MJN2CE Datasheet HTML 1Page - Omron Electronics LLC MJN2CE Datasheet HTML 2Page - Omron Electronics LLC MJN2CE Datasheet HTML 3Page - Omron Electronics LLC MJN2CE Datasheet HTML 4Page - Omron Electronics LLC MJN2CE Datasheet HTML 5Page - Omron Electronics LLC MJN2CE Datasheet HTML 6Page - Omron Electronics LLC MJN2CE Datasheet HTML 7Page - Omron Electronics LLC MJN2CE Datasheet HTML 8Page - Omron Electronics LLC MJN2CE Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
General Purpose Relay
MJN
321
Dimensions
Unit: mm (inch)
■ Relays
PYMJN-PCB
58.67 (2.31)
Part number
Hold Down Springs Dimensional Reference chart
Reference
dimension
Actual
dimension
PYMJN-S
A
B
C
A
B
C
53.82 (2.12)
37.08 (1.46)
58.67 (2.31)
53.59 (2.11)
40.26 (1.59)
Note: Mates with .187” UL standard quick-connect
terminals; also suitable for solder connection.
63.50
(2.50)
9.53
(0.38)
15.74
(0.62)
15.74
(0.62)
7.87
(0.31)
19.05
(0.75)
48.38
(1.905)
max.
73.66
(2.90) max.
7.11
(0.28)
38.73
(1.525)
max.
2.03
(0.08)
Typ. 2
10.54
(0.415)
35.56
(1.400)
max.
1.77
(0.07)
1.52
(0.06)
4.75
(0.187)
1.98
(0.078)
3.18
(0.125)
6.35
(0.250)
7.11
(0.280) ref.
0.51
(0.020)
A
B
C
35.56
(1.400) max.
38.73
(1.525) max.
48.38
(1.905) max.
7.11
(0.28)
6.35
±.
(.25
±.
3.17 dia.
(.125 dia.)
8.00
(.315)
0.81
(.032
±.07
±
.003)
05
002)
MJN
@CF/MJN2CE
Dust cover with mounting flanges
Dust cover MJN
■ Terminal-10 Amp Version
■ Hold Down Springs
■ Terminal-20 and 30 Amp Versions



Html Pages

1 2 3 4 5 6 7 8 9 10