| Moteur de recherche de fiches techniques de composants électroniques |
|
MJN Fiches technique(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
MJN Fiches technique(HTML) 5 Page - Omron Electronics LLC |
|
5 / 10 page ![]() General Purpose Relay MJN 321 Dimensions Unit: mm (inch) ■ Relays PYMJN-PCB 58.67 (2.31) Part number Hold Down Springs Dimensional Reference chart Reference dimension Actual dimension PYMJN-S A B C A B C 53.82 (2.12) 37.08 (1.46) 58.67 (2.31) 53.59 (2.11) 40.26 (1.59) Note: Mates with .187” UL standard quick-connect terminals; also suitable for solder connection. 63.50 (2.50) 9.53 (0.38) 15.74 (0.62) 15.74 (0.62) 7.87 (0.31) 19.05 (0.75) 48.38 (1.905) max. 73.66 (2.90) max. 7.11 (0.28) 38.73 (1.525) max. 2.03 (0.08) Typ. 2 10.54 (0.415) 35.56 (1.400) max. 1.77 (0.07) 1.52 (0.06) 4.75 (0.187) 1.98 (0.078) 3.18 (0.125) 6.35 (0.250) 7.11 (0.280) ref. 0.51 (0.020) A B C 35.56 (1.400) max. 38.73 (1.525) max. 48.38 (1.905) max. 7.11 (0.28) 6.35 ±. (.25 ±. 3.17 dia. (.125 dia.) 8.00 (.315) 0.81 (.032 ±.07 ± .003) 05 002) MJN @CF/MJN2CE Dust cover with mounting flanges Dust cover MJN ■ Terminal-10 Amp Version ■ Hold Down Springs ■ Terminal-20 and 30 Amp Versions |