| Moteur de recherche de fiches techniques de composants électroniques |
|
D8M-R1 Fiches technique(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D8M-R1 Fiches technique(HTML) 4 Page - Omron Electronics LLC |
|
4 / 6 page ![]() 4 Solid State Pressure Sensors D8M Dimensions Unit: mm (inch) ■ D8M-D82 ■ D8M-R1 Precautions Be sure to abide by the following precautions for the safe operation of the Sensor. ■ Mounting For proper operation, mount the sensor within ±10 degrees of level. 30 (1.18) 23 (0.91) 30 (1.18) 23 (0.91) Two, 3.2 (0.13) dia. TYPE NAME 17.7 (0.70) 10.1 (0.40) 5 (0.20) dia. 2 (0.08) 2 (0.08) dia. 4 (0.16) OD LOT NUMBER 5 (0.20) 1.6 (0.06) 7 (0.28) 18.8 (0.74) 18.6 (0.73) 11.6 (0.46) CONNECTOR VCC (Pin 1) FOUT (Pin 2) GND (Pin 3) 2 (0.08) |