| Moteur de recherche de fiches techniques de composants électroniques |
|
PAS202BCB Fiches technique(PDF) 4 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAS202BCB Fiches technique(HTML) 4 Page - Pixart Imaging Inc. |
|
4 / 15 page ![]() PixArt Imaging Inc. PAS202BCB/PAS202BBB CMOS Image Sensor IC All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. 4 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V2.0, May 2002 3. Output Format 3.1. Pixel Array And Pixel Color Pattern The output image format of PAS202BCB/PAS202BBB is VGA (640x480 pixel array). To provide the co-processor with the extra information it needs for interpolation at the edges of the pixel array, an border of 2 pixels on all 4 sides of the array are available. Fig 3.1. illustrates the pixel array and pixel color pattern. Fig 3.1. Pixel array and pixel color pattern Note: 1. Pixel color pattern does not apply to monochrome sensor. 2. Pixel read-out proceeds from left to right, and from bottom row to top row. 3. Pixel array not drawn to scale. B G R G B G R G B G B G R G B G R G R G B G R G row lines Row 1 Row 484 Row 485 Pixel array: 644(H) x 486(V) Row 0 Dark pixel R G B Dark pixel 540 dark pixel 13 dark pixel 13 dark pixel 13 dark pixel 13 R pixel 13 B pixel 13 No filter pixel 13 G pixel column lines 644 R G B G R G R G B R G G B G R G B R G B G B G G R G B 13 dark pixel 13 dark pixel 13 dark pixel 13 R pixel 13 B pixel 13 No filter pixel 13 G pixel 13 dark pixel 13 dark pixel 540 dark pixel |