| Moteur de recherche de fiches techniques de composants électroniques |
|
PAS005B Fiches technique(PDF) 19 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAS005B Fiches technique(HTML) 19 Page - Pixart Imaging Inc. |
|
19 / 41 page ![]() PixArt Imaging Inc. PAS005B CMOS Image Sensor IC All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw **Windowing and sub-sampling can be used independently. 4.3.3 Sub-sampling with average--in color mode PAS005B supports average data output in sub-sampling mode in color mode. In this mode, the PAS005B averages the pixel data with surrounding pixels that are with the same color. For example, in VGA-sub- sampling, in which both vertical and horizontal pixels are sub-sampled at 1/2, the sub-sampled pixel data are [i,j]′= ( [i,j] + [i,j+2] + [i+2,j] + [i+2,j+2] ) / 4, while in CIF-sub-sampling, the sub-sampled pixel date are [i,j]′= ( [i,j] + [i,j+2] + [i,j+4] + [i,j+6] + [i+2,j] + [i+2,j+2] + [i+2,j+4] + [i+2,j+6]) / 8. 0 1 2 3456789 10 11 12 13 14 15 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 1 2 3456789 10 11 12 13 14 15 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CFA : color mode 01 4 5 89 12 13 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 01 4 5 89 12 13 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 rf = 0, cf = 1 vga_ave_Ena=1 01 4 5 89 12 13 0 1 4 5 8 9 12 13 01 4 5 89 12 13 0 1 4 5 8 9 12 13 01 8 9 0 1 8 9 01 8 9 0 1 8 9 VGA CIF rf = 0, cf = 0 Fig 4.3.3 4.3.4 Sub-sampling with average—in mono mode PAS005B supports average data output in sub-sampling mode in mono mode. In this mode, the PAS005B averages the pixel data with surrounding pixels that are with the same color. For example, in VGA-sub- sampling, in which both vertical and horizontal pixels are sub-sampled at 1/2, the sub-sampled pixel data are |