Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPROG-BAS33 Fiches technique(PDF) 1 Page - Advantech Co., Ltd.

No de pièce MPROG-BAS33
Description  GX2-400 Machine Control Box with
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MPROG-BAS33 Fiches technique(HTML) 1 Page - Advantech Co., Ltd.

  MPROG-BAS33 Datasheet HTML 1Page - Advantech Co., Ltd. MPROG-BAS33 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Motion Control I/O Modules
Features
AMAX-2050KW
AMAX-2050FCE
Onboard AMD Geode™ GX2 processor, up to 256 MB onboard DDR
128 Kbyte battery backup RAM
Supports AMONet series for remote motion control and data acquisition
2 x RS-232 ports and 1 x RS-422/485 port with automatic flow control
1 x 10/100 Base-T RJ-45 port and 2 x USB ports
4 x programmable diagnostic LEDs and 1 x buzzer
KW ready solution (AMAX-2050KW only)
Suitable for DIN-rail mounting
Introduction
Advantech's AMAX-2050KW is a Pentium® III grade platform with an onboard AMONet controller, which is designed for embedded machine automation applications. From the
peripheral point of view, with one AMONet master port AMAX-2050KW can control up to 2048 I/O points or 256 axes. Also, AMAX-2050KW offers one LAN and dual USB interfaces
to fulfill user’s various communication needs. In addition, it also offers two RS-232 and one RS-422/485 communication ports with automatic flow control functionality.
AMAX-2050KW supports Windows CE .NET, which offers a pre-configured image with optimized onboard device drivers. MULTIPROG supports all IEC 61131-3 programming
languages. Depending on the task to be handled, your experience and company standards, you may choose one of the five standardized programming languages. AMAX-2050FCE
comes with a built-in CAN interface to ensure data transmission and support for the DLL library, making it suitable for WinCE development.
GX2-400 Machine Control Box with
AMONet Interface
GX2-400 Machine Control Box with
AMONet and CAN Interface
Specifications
General
Certifications
CE
Dimensions (L x W x H) 125 x 47.6 x 151 mm (4.9" x 1.8" x 5.9")
Power Consumption
Typical: 8 W
Max.:15 W
Power Supply
Min. 15 W (9 ~ 36 VDC) (e.g +24 V @ 625 mA)
OS Support
Windows® CE .NET 5.0
System Hardware
CPU
AMD Geode GX2-400
Battery Backup RAM
512 KB
Indicators
Power, CF, alarm for RAM backup battery and
4 x programmable diagnostic LEDs
Keyboard/Mouse
1 x PS/2
Memory
256 MB DDR onboard
Storage
SSD: 1 x internal (Master Card) & 1 x external
(Slave Module) type I/II CompactFlash® slot
VGA
DB15 VGA connector
Watchdog Timer
Programmable
Communications
Serial Ports
2 x RS-232 and 1 x RS-422/485
Isolation with automatic RS-485 data flow control
Serial Port Speed
RS-232: 50 ~ 115.2 kbps
RS-422/485: 50 ~ 921.6 kbps max.
LAN
1 x 10/100 Base-T RJ-45 ports
(support RTL 8100B LAN chip)
USB Ports
2 x USB, UHCI, Rev. 1.1 compliant
AMONet Rings
1 x isolated AMONet, connect up to 2048 digital I/O
channels or 64 motion axes
CAN Port
1 (AMAX-2050FCE)
Environment
Operating Humidity
5 ~ 85% RH, non-condensing (refer to IEC 68-2-3)
Operating Temperature 0 ~ 50° C
RoHS
COMPLIANT
2002/95/EC
AMAX-2050FCE
AMAX-2050KW
NEW


Numéro de pièce similaire - MPROG-BAS33

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
MPROG-BAS33 ADVANTECH-MPROG-BAS33 Datasheet
526Kb / 1P
4-slot SoftLogic Controller with RS-485
More results

Description similaire - MPROG-BAS33

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
MK1491-09 ICST-MK1491-09 Datasheet
156Kb / 8P
AMD Geode GX2 Clock Source
Revision 080204
logo
Advantech Co., Ltd.
UNO-2052E ADVANTECH-UNO-2052E Datasheet
110Kb / 1P
AMD GX2 UNO with 2 x CAN, LAN
ADAM-5550CE ADVANTECH-ADAM-5550CE Datasheet
616Kb / 2P
8-slot PC-based Controller with GX2 CPU
logo
Bel Fuse Inc.
LDD240 BEL-LDD240 Datasheet
601Kb / 4P
Industrial machine control
LDD240-WU BEL-LDD240-WU Datasheet
797Kb / 5P
Industrial machine control
logo
PHOENIX CONTACT
2701204 PHOENIX-2701204 Datasheet
55Kb / 2P
Control box - FL RUGGED BOX
2701430 PHOENIX-2701430 Datasheet
57Kb / 2P
Control box - FL RUGGED BOX OMNI-1
2701439 PHOENIX-2701439 Datasheet
78Kb / 3P
Control box - FL RUGGED BOX OMNI-2
logo
List of Unclassifed Man...
AKX00032 ETC-AKX00032 Datasheet
4Mb / 25P
Arduino® Portenta Machine Control
logo
Renesas Technology Corp
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
AMD GEODE™ GX2 CLOCK SOURCE
051310
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com