Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPROG-BAS33 Fiches technique(PDF) 1 Page - Advantech Co., Ltd.

No de pièce MPROG-BAS33
Description  4-slot SoftLogic Controller with RS-485
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MPROG-BAS33 Fiches technique(HTML) 1 Page - Advantech Co., Ltd.

  MPROG-BAS33 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
RoHS
COMPLIANT
2002/95/EC
ADAM-5510KW
Introduction
ADAM-5510KW is PC-based Soft-Logic Controllers. It features 5 standard IEC61131-3 programming languages so PLC users can develop control strategies in their familiar programming
languages. The strong MULTIPROG software and stable ProConOS make ADAM-5510KW the best choice for PC-based SoftLogic controllers in the market. ProConOS, (Programmable
Controller Operating System), has over 250,000+ installations, and is a pre-emptive, multi-tasking run-time software providing deterministic operation down to one millisecond and
runs applications developed with MULTIPROG, a fully-featured IEC 61131-3 development environment. With this KW Software distribution agreement, Advantech has bundled the
ProConOS run-time software on ADAM-5510KW Controllers creating a SoftLogic Solution. It will greatly benefit PLC users to enjoy the PC- based advantage of ADAM-5510KW.
Different from the original ADAM-5510 hardware, the ADAM-5510KW includes more memory to raise system efficiency and users’ programming flexibility. The ADAM-5510KW
include a 1.5 MB flash memory and 640 KB SRAM which includes battery backup RAM up to 32 KB. In addition, 4 COM ports enrich the communication capacity of ADAM-5510KW
to integrate with remote I/O or other 3rd party devices based on the Modbus/RTU protocol.
4-slot SoftLogic Controller
with RS-485
IEC-61131-3 standard package
Supports LD/FB/SFC/IL/ST language
Graphical programming interface
Cross programming language compiling capability
Supports floating point calculation
Supports AI/AO/DI/DO/Counter Function Blocks
Powerful debug tool
Built-in Modbus/RTU Master and Slave
Supports up to 128 Local I/O Points
Handles typical 32 Modbus/RTU remote I/O modules
Supports more than 9000 coils in LD language
Supports 3 serial ports including 1 RS-485 and 2 RS-232/485 ports
Specifications
Control System
CPU
16-bit microprocessor
I/O Capacity
4 slots (ADAM-5510KW)
LED Indicators
Power, CPU, communication and battery
Memory
Flash disk: 512 KB
Flash memory: 768 KB
Flash ROM: 256 KB
RAM: 640 KB SRAM, 32 KB with battery backup
Operating System
ROM-DOS
Real-time Clock
Yes
Watchdog Timer
Yes
Communications
Comm. Protocol
Modbus/RTU
Max. Nodes
32 (in RS-485 daisy-chain network)
Medium
RS-485 (2-wire)
Transmission Distance 1.2 km (4000 feet)
Transmission Speed
9600, 19200 and 38400 bps
Protection
Power Input
3,000 V
DC
Communication
2,500 V
DC (COM2 only)
Power Reversal
Yes
Protection
Power
Power Consumption
4 W @ 24 Vdc (not including I/O modules)
Power Input
Unregulated 10 ~ 30 VDC
General
Certifications
CE
Connectors
ADAM-5510KW: 1 x DB9-M for RS-232 (COM1)
1 x Screw terminal for RS-485 (COM2)
1 x DB9-F for RS-232/Programming (COM3)
1 x DB9-M for RS-232/485 (COM4)
1 x Screw-terminal for power input
Dimensions
4-slot: 231 x 110 x 75 mm
Enclosure
ABS+PC
Mounting
DIN 35 rail, stack, wall
Environment
Humidity
5 ~ 95%, non-condensing
Operating Temperature -10 ~ 70° C (14 ~ 158° F)
Storage Temperature
- 25 ~ 85° C (-13 ~ 185° F)
Ordering Information
ADAM-5510KW
4-slot PC-based SoftLogic Controller
MPROG-BAS33
KW Multiprog v3.3 for Win. NT/2K/XP(128-byte I/O)


Numéro de pièce similaire - MPROG-BAS33

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
MPROG-BAS33 ADVANTECH-MPROG-BAS33 Datasheet
962Kb / 2P
GX2-400 Machine Control Box with
More results

Description similaire - MPROG-BAS33

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
4-slot PC-based Controller with RS-485
ADAM-5510EKW ADVANTECH-ADAM-5510EKW Datasheet
531Kb / 1P
4-slot SoftLogic Controller with Ethernet
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Advantech Co., Ltd.
ADAM-5000.485 ADVANTECH-ADAM-5000.485_15 Datasheet
208Kb / 1P
4-slot Distributed DA&C System for RS-485
logo
Exar Corporation
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
WAGO Kontakttechnik Gmb...
750-815-300-000 WAGO-750-815-300-000 Datasheet
629Kb / 12P
Controller MODBUS; RS-485; 115,2 kBd
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com