Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5PS2G83AFR Fiches technique(PDF) 39 Page - Hynix Semiconductor

No de pièce H5PS2G83AFR
Description  2Gb DDR2 SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS2G83AFR Fiches technique(HTML) 39 Page - Hynix Semiconductor

Back Button H5PS2G83AFR Datasheet HTML 32Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 33Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 34Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 35Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 36Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 37Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 38Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 39Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 40Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Rev. 0.1 / November 2008
39
H5PS2G43AFR
H5PS2G83AFR
tracting 0.02 x tCK (avg) from it, whereas if an input clock has a worst case tCH (avg) of 0.52, the tAOF,
max should be derated by adding 0.02 x tCK (avg) to it. Therefore, we have;
tAOF, min (derated) = tAC, min - [0.5 - Min(0.5, tCH (avg), min)] x tCK (avg)
tAOF, max (derated) = tAC, max + 0.6 + [Max(0.5, tCH (avg), max) - 0.5] x tCK (avg)
or
tAOF, min (derated) = Min (tAC, min, tAC, min - [0.5 - tCH (avg), min] x tCK (avg))
tAOF, max (derated) = 0.6 + Max (tAC, max, tAC, max + [tCH (avg), max - 0.5] x tCK (avg))
where tCH (avg), min and tCH (avg), max are the minimum and maximum of tCH (avg) actually measured
at the DRAM input balls.
Note that these deratings are in addition to the tAOF derating per input clock jitter, i.e. tJIT (duty) and
tERR(6-10per). However tAC values used in the equations shown above are from the timing parameter
table and are not derated. Thus the final derated values for tAOF are;
tAOF, min (derated_final) = tAOF, min (derated) + {- tJIT (duty), max - tERR(6-10per),max}
tAOF, max (derated_final) = tAOF, max (derated) + {- tJIT (duty), min - tERR(6-10per),min}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40