| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC5705CEVLLR Fiches technique(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5705CEVLLR Fiches technique(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 92 page ![]() Electrical characteristics MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 13 3.3 Absolute maximum ratings Table 7. Absolute maximum ratings Symbol Parameter Conditions Value Unit Min Max VSS SR Digital ground on VSS_HV pins —0 0 V VDD SR Voltage on VDD_HV pins with respect to ground (VSS) —-0.3 6.0 V VSS_LV SR Voltage on VSS_LV (low voltage digital supply) pins with respect to ground (VSS) —VSS-0.1 VSS+0.1 V VDD_BV SR Voltage on VDD_BV pin (regulator supply) with respect to ground (VSS) —-0.3 6.0 V Relative to VDD -0.3 VDD+0.3 VSS_ADC SR Voltage on VSS_HV_ADC 0, VSS_HV_ADC 1 (ADC reference) pin with respect to ground (VSS) —VSS-0.1 VSS+0.1 V VDD_ADC SR Voltage on VSS_HV_ADC 0, VSS_HV_ADC 1 (ADC reference) with respect to ground (VSS) —-0.3 6.0 V Relative to VDD VDD −0.3 VDD+0.3 VIN SR Voltage on any GPIO pin with respect to ground (VSS) —-0.3 6.0 V Relative to VDD VDD −0.3 VDD+0.3 |