| Moteur de recherche de fiches techniques de composants électroniques |
|
TLEGF1100C Fiches technique(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLEGF1100C Fiches technique(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 10 page ![]() TL(BF,EGF)1100C(T11) 2010-01-26 3 The cautions ESD withstand voltage according to MIL STD 883D, Method 3015.7 : ≥1000V When handling this LED, take the following measures to prevent the LED from being damaged or otherwise adversely affected. 1) Use a conductive tablemat and conductive floor mat, and ground the workbench and floor. 2) Operators handling laser diodes must be grounded via a high resistance (about 1M Ω). A conductive strap is good for this purpose. 3) Ground all tools including soldering irons. This product is designed as a general display light source usage, and it has applied the measurement standard that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional application (ex. Light source for sensor, optical communication and etc) except general display light source. |