Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SE97B Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce SE97B
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97B Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button SE97B Datasheet HTML 17Page - NXP Semiconductors SE97B Datasheet HTML 18Page - NXP Semiconductors SE97B Datasheet HTML 19Page - NXP Semiconductors SE97B Datasheet HTML 20Page - NXP Semiconductors SE97B Datasheet HTML 21Page - NXP Semiconductors SE97B Datasheet HTML 22Page - NXP Semiconductors SE97B Datasheet HTML 23Page - NXP Semiconductors SE97B Datasheet HTML 24Page - NXP Semiconductors SE97B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
21 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
7.10.3.3
Sequential read
If the master acknowledges the first data byte transmitted by the SE97B, then the device
will continue transmitting as long as each data byte is acknowledged by the master
(Figure 17). If the end of memory is reached during sequential Read, the address counter
will ‘wrap around’ to the beginning of memory, and so on. Sequential Read works with
either ‘Immediate Address Read’ or ‘Selective Read’, the only difference being the starting
byte address.
Fig 17. Sequential read timing
0
1
0
A2 A1 A0
1
A
S
1
A
slave address (memory)
START condition
R/W acknowledge
from slave
acknowledge
from master
data from memory
SDA
data from memory
DATA n
+ 1
A
acknowledge
from master
002aab253
P
STOP condition
data from memory
DATA n
+ X
A
no acknowledge
from master
DATA n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53