Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC9151FDH Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce P89LPC9151FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9151FDH Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC9151FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
P89LPC9151_61_71_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2010
7 of 91
NXP Semiconductors
P89LPC9151/9161/9171
8-bit microcontroller with 8-bit ADC
5.
Functional diagram
Fig 4.
Functional diagram (P89LPC9151)
KBI0
KBI1
KBI2
KBI3
KBI4
KBI5
AD10
AD11
AD12
AD13
CLKIN
CMP2
CIN2B
CIN2A
CIN1B
CIN1A
CMPREF
TXD
RXD
T0
INT0
INT1
RST
SCL
P89LPC9151
002aae567
VDD
VSS
DAC1
PORT 0
PORT 1
SDA
Fig 5.
Functional diagram (P89LPC9161)
KBI1
KBI2
KBI3
KBI4
KBI5
AD10
AD11
AD12
AD13
CLKIN
CIN2B
CIN2A
CIN1B
CIN1A
CMPREF
TXD
RXD
T0
INT0
MOSI
MIS0
SPICLK
RST
SCL
P89LPC9161
002aae568
VDD
VSS
SS
DAC1
PORT 0
PORT 1
PORT 2
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91