| Moteur de recherche de fiches techniques de composants électroniques |
|
IP4366CX8/P Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4366CX8/P Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 14 page ![]() IP4064CX8_IP4364CX8_IP4366CX8_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 11 February 2010 6 of 14 NXP Semiconductors IP4064CX8; IP4364CX8; IP4366CX8 Integrated SIM card passive filter array with ESD protection 7.3 Crosstalk The crosstalk measurement configuration of a typical 50 Ω NWA system for evaluation of the IP4064CX8, IP4364CX8 and IP4366CX8 is shown in Figure 6. Four typical examples of crosstalk measurement results of IP4064CX8 and IP4364CX8 are depicted in Figure 7a. The crosstalk behavior of IP4366CX8 is shown in Figure 7b. Unused channels are terminated with 50 Ω to ground. Fig 6. Crosstalk measurement configuration OUT_2 001aai756 50 Ω 50 Ω Vgen DUT IN_1 OUT_1 IN_2 TEST BOARD 50 Ω 50 Ω (1) Pin C1 to pin B3. (2) Pin B1 to pin C3. (3) Pin B1 to pin A3. (4) Pin A2 to pin C3. (1) Pin B1 to pin C3. (2) Pin A2 to pin B3. (3) Pin B1 to pin A3. (4) Pin A2 to pin C3. (5) Pin C2 to pin A3. (6) Pin C2 to pin C3. a. IP4064CX8 and IP4364CX8 b. IP4366CX8 Fig 7. Measured crosstalk between different channels 008aaa208 −60 −40 −80 −20 0 αct (dB) −100 f (MHz) 1104 103 10 102 (1) (2) (3) (4) 008aaa209 −60 −40 −80 −20 0 αct (dB) −100 f (MHz) 1104 103 10 102 (1) (2) (3) (4) (5) (6) |