| Moteur de recherche de fiches techniques de composants électroniques |
|
IP4364CX8/LF/P Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4364CX8/LF/P Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 14 page ![]() IP4064CX8_IP4364CX8_IP4366CX8_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 11 February 2010 4 of 14 NXP Semiconductors IP4064CX8; IP4364CX8; IP4366CX8 Integrated SIM card passive filter array with ESD protection 6. Characteristics [1] Guaranteed by design. 7. Application information 7.1 Application diagram A typical application diagram showing IP4064CX8, IP4364CX8 or IP4366CX8 in a SIM card interface is depicted in Figure 3. The 2 kV ESD compliant pins (A3, B3 and C3) are connected to the baseband interface side while the four 15 kV ESD compliant pins (A2, B1, C1 and C2) are connected to the SIM card. Table 4. Electrical characteristics Tamb = 25 °C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Rs(ch) channel series resistance R1 and R3 75 100 125 Ω R2 35.2 47.0 58.8 Ω Cch channel capacitance including diode capacitance; Vbias(DC) = 0 V; f = 1 MHz [1] IP4064CX8 14 17 20 pF IP4364CX8 14 17 20 pF IP4366CX8 8 10 12 pF VBR breakdown voltage Itest = 1 mA 6 - 10 V ILR reverse leakage current VI = 3 V - - 50 nA Fig 3. Typical application diagram 008aaa211 100 Ω R1 47 Ω R2 100 Ω R3 RST CLK I/O baseband C2 A2 B1 C1 B2 A3 B3 C3 VSIM SIM card AUX2 AUX1 I/O CLK SPU RST GND VCC |