Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP4064CX8/LF/P Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce IP4064CX8/LF/P
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4064CX8/LF/P Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button IP4064CX8/LF/P Datasheet HTML 3Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 4Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 5Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 6Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 7Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 8Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 9Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 10Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
7 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
8.
Package outline
Fig 8.
Package outline (WLCSP8)
wlcsp8_3x3-a1_po
European
projection
WLCSP8: wafer level chip-size package; 8 bumps (3 x 3 - A1)
bump A1
index area
D
E
detail X
A
A2
A1
e1
e1
e
e
b
1
C
B
A
23
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14