Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F100C4 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STM32F100C4
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C4 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STM32F100C4 Datasheet HTML 22Page - STMicroelectronics STM32F100C4 Datasheet HTML 23Page - STMicroelectronics STM32F100C4 Datasheet HTML 24Page - STMicroelectronics STM32F100C4 Datasheet HTML 25Page - STMicroelectronics STM32F100C4 Datasheet HTML 26Page - STMicroelectronics STM32F100C4 Datasheet HTML 27Page - STMicroelectronics STM32F100C4 Datasheet HTML 28Page - STMicroelectronics STM32F100C4 Datasheet HTML 29Page - STMicroelectronics STM32F100C4 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
Pinouts and pin description
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
26/84
Doc ID 16455 Rev 2
83
A1
3
PC14-
OSC32_IN(5)
I/O
PC14(6)
OSC32_IN
94
B1
4
PC15-
OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
10
---
VSS_5
SVSS_5
11
---
VDD_5
SVDD_5
12
5
C1
5
OSC_IN
I
OSC_IN
13
6
D1
6
OSC_OUT
O
OSC_OUT
14
7
E1
7
NRST
I/O
NRST
15
8
E3
-
PC0
I/O
PC0
ADC1_IN10
16
9
E2
-
PC1
I/O
PC1
ADC1_IN11
17
10
F2
-
PC2
I/O
PC2
ADC1_IN12
18
11 -(7)
-
PC3
I/O
PC3
ADC1_IN13
19
12
F1
8
VSSA
SVSSA
20
---
VREF-
SVREF-
21
-
G1
-
VREF+
SVREF+
22
13 H1
9
VDDA
SVDDA
23
14 G2 10
PA0-WKUP
I/O
PA0
WKUP / USART2_CTS(12)/
ADC1_IN0 / TIM2_CH1_ETR(12)
24
15 H2
11
PA1
I/O
PA1
USART2_RTS(12)/ ADC1_IN1 /
TIM2_CH2(12)
25
16
F3
12
PA2
I/O
PA2
USART2_TX(12)/ ADC1_IN2 /
TIM2_CH3(12)/ TIM15_CH1(12)
26
17 G3 13
PA3
I/O
PA3
USART2_RX(12)/ ADC1_IN3 /
TIM2_CH4(12) / TIM15_CH2(12)
27
18 C2
-
VSS_4
SVSS_4
28
19 D2
-
VDD_4
SVDD_4
29
20 H3
14
PA4
I/O
PA4
SPI1_NSS(12)/ADC1_IN4
USART2_CK(12) / DAC1_OUT
30
21
F4
15
PA5
I/O
PA5
SPI1_SCK(12)/ADC1_IN5 /
DAC2_OUT
31
22 G4 16
PA6
I/O
PA6
SPI1_MISO(12)/ADC1_IN6 /
TIM3_CH1(12)
TIM1_BKIN /
TIM16_CH1
32
23 H4
17
PA7
I/O
PA7
SPI1_MOSI(12)/ADC1_IN7 /
TIM3_CH2(12)
TIM1_CH1N /
TIM17_CH1
33
24 H5
-
PC4
I/O
PC4
ADC1_IN14
Table 4.
STM32F100xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84