| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F100R4H7B Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100R4H7B Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 84 page ![]() STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB Pinouts and pin description Doc ID 16455 Rev 2 27/84 34 25 H6 - PC5 I/O PC5 ADC1_IN15 35 26 F5 18 PB0 I/O PB0 ADC1_IN8/TIM3_CH3(12) TIM1_CH2N 36 27 G5 19 PB1 I/O PB1 ADC1_IN9/TIM3_CH4(12) TIM1_CH3N 37 28 G6 20 PB2 I/O FT PB2/BOOT1 38 - - - PE7 I/O FT PE7 TIM1_ETR 39 - - - PE8 I/O FT PE8 TIM1_CH1N 40 - - - PE9 I/O FT PE9 TIM1_CH1 41 - - - PE10 I/O FT PE10 TIM1_CH2N 42 - - - PE11 I/O FT PE11 TIM1_CH2 43 - - - PE12 I/O FT PE12 TIM1_CH3N 44 - - - PE13 I/O FT PE13 TIM1_CH3 45 - - - PE14 I/O FT PE14 TIM1_CH4 46 - - - PE15 I/O FT PE15 TIM1_BKIN 47 29 G7 21 PB10 I/O FT PB10 I2C2_SCL(8)/USART3_TX (12) TIM2_CH3 / CEC 48 30 H7 22 PB11 I/O FT PB11 I2C2_SDA(8)/USART3_RX(12) TIM2_CH4 49 31 D6 23 VSS_1 SVSS_1 50 32 E6 24 VDD_1 SVDD_1 51 33 H8 25 PB12 I/O FT PB12 SPI2_NSS(9)/ I2C2_SMBA(8)/ TIM1_BKIN(12)/USART3_CK(12) 52 34 G8 26 PB13 I/O FT PB13 SPI2_SCK(9) /TIM1_CH1N(12) USART3_CTS(12) 53 35 F8 27 PB14 I/O FT PB14 SPI2_MISO(9)/ TIM1_CH2N(12) / USART3_RTS(12) TIM15_CH1 54 36 F7 28 PB15 I/O FT PB15 SPI2_MOSI(9) / TIM1_CH3N / TIM15_CH1N(12) TIM15_CH2 55 - - - PD8 I/O FT PD8 USART3_TX 56 - - - PD9 I/O FT PD9 USART3_RX 57 - - - PD10 I/O FT PD10 USART3_CK 58 - - - PD11 I/O FT PD11 USART3_CTS 59 --- PD12 I/O FT PD12 TIM4_CH1(10) / USART3_RTS 60 - - - PD13 I/O FT PD13 TIM4_CH2(10) 61 - - - PD14 I/O FT PD14 TIM4_CH3(10) Table 4. STM32F100xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap |