Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STIEC45-28AS Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STIEC45-28AS
Description  Transil??for IEC 61000-4-5 compliance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-28AS Fiches technique(HTML) 8 Page - STMicroelectronics

  STIEC45-28AS Datasheet HTML 1Page - STMicroelectronics STIEC45-28AS Datasheet HTML 2Page - STMicroelectronics STIEC45-28AS Datasheet HTML 3Page - STMicroelectronics STIEC45-28AS Datasheet HTML 4Page - STMicroelectronics STIEC45-28AS Datasheet HTML 5Page - STMicroelectronics STIEC45-28AS Datasheet HTML 6Page - STMicroelectronics STIEC45-28AS Datasheet HTML 7Page - STMicroelectronics STIEC45-28AS Datasheet HTML 8Page - STMicroelectronics STIEC45-28AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STIEC45-XXAS
8/9
Doc ID 16871 Rev 1
4
Ordering information
Table 5.
Ordering information
5
Revision history
Order code
Marking
Package
Weight
Base qty
Delivery mode
STIEC45-24AS
4524A
SMC
0.25 g
2500
Tape and reel
STIEC45-26AS
4526A
STIEC45-27AS
4527A
STIEC45-28AS
4528A
STIEC45-30AS
4530A
STIEC45-33AS
4533A
Table 6.
Document revision history
Date
Revision
Changes
07-Dec-2009
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9