Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STIEC45-26AS Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STIEC45-26AS
Description  Transil??for IEC 61000-4-5 compliance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-26AS Fiches technique(HTML) 5 Page - STMicroelectronics

  STIEC45-26AS Datasheet HTML 1Page - STMicroelectronics STIEC45-26AS Datasheet HTML 2Page - STMicroelectronics STIEC45-26AS Datasheet HTML 3Page - STMicroelectronics STIEC45-26AS Datasheet HTML 4Page - STMicroelectronics STIEC45-26AS Datasheet HTML 5Page - STMicroelectronics STIEC45-26AS Datasheet HTML 6Page - STMicroelectronics STIEC45-26AS Datasheet HTML 7Page - STMicroelectronics STIEC45-26AS Datasheet HTML 8Page - STMicroelectronics STIEC45-26AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STIEC45-XXAS
Characteristics
Doc ID 16871 Rev 1
5/9
Figure 9.
Leakage current versus junction temperature (typical values)
Figure 7.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead
Z
th(j a) /Rth(j a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
tP(s)
Recommended pad layout
PCB FR4, copper thickness = 35 µm
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCU(cm²)
PCB FR4, copper thickness = 35 µm
R
(°C/W)
th(j-a)
IR (nA)
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
V
R=VRM
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9