Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24LR64-R-DW6T/2 Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce M24LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I짼C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R-DW6T/2 Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button M24LR64-R-DW6T/2 Datasheet HTML 83Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 84Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 85Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 86Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 87Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 88Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 89Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 90Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 126 page
background image
M24LR64-R
Commands codes
Doc ID 15170 Rev 8
87/126
Figure 59.
Lock AFI frame exchange between VCD and M24LR64-R
VCD
SOF
Lock AFI
request
EOF
M24LR64-R
<-t1-> SOF
Lock AFI
response
EOF
Lock sequence
when error
M24LR64-R
<----------- Wt ----------><- t1 -> SOF
Lock AFI
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More