Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F100X4 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STM32F100X4
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100X4 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STM32F100X4 Datasheet HTML 24Page - STMicroelectronics STM32F100X4 Datasheet HTML 25Page - STMicroelectronics STM32F100X4 Datasheet HTML 26Page - STMicroelectronics STM32F100X4 Datasheet HTML 27Page - STMicroelectronics STM32F100X4 Datasheet HTML 28Page - STMicroelectronics STM32F100X4 Datasheet HTML 29Page - STMicroelectronics STM32F100X4 Datasheet HTML 30Page - STMicroelectronics STM32F100X4 Datasheet HTML 31Page - STMicroelectronics STM32F100X4 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Pinouts and pin description
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
28/84
Doc ID 16455 Rev 2
62
-
-
-
PD15
I/O FT
PD15
TIM4_CH4(10)
63
37
F6
-
PC6
I/O FT
PC6
TIM3_CH1
64
38
E7
PC7
I/O FT
PC7
TIM3_CH2
65
39
E8
PC8
I/O FT
PC8
TIM3_CH3
66
40 D8
-
PC9
I/O FT
PC9
TIM3_CH4
67
41 D7
29
PA8
I/O FT
PA8
USART1_CK / MCO /
TIM1_CH1
68
42 C7
30
PA9
I/O FT
PA9
USART1_TX(12) / TIM1_CH2
TIM15_BKIN
69
43 C6
31
PA10
I/O FT
PA10
USART1_RX(12) / TIM1_CH3
TIM17_BKIN
70
44 C8
32
PA11
I/O FT
PA11
USART1_CTS / TIM1_CH4
71
45
B8
33
PA12
I/O FT
PA12
USART1_RTS / TIM1_ETR
72
46
A8
34
PA13
I/O FT
JTMS-
SWDIO
PA13
73
-
-
-
Not connected
74
47 D5
35
VSS_2
SVSS_2
75
48
E5
36
VDD_2
SVDD_2
76
49
A7
37
PA14
I/O FT
JTCK/SWCL
K
PA14
77
50
A6
38
PA15
I/O FT
JTDI
TIM2_CH1_ETR
/ PA15/
SPI1_NSS
78
51
B7
-
PC10
I/O FT
PC10
USART3_TX
79
52
B6
-
PC11
I/O FT
PC11
USART3_RX
80
53 C5
-
PC12
I/O FT
PC12
USART3_CK
81
5
C1
5
PD0
I/O FT
OSC_IN(11)
82
6
D1
6
PD1
I/O FT OSC_OUT(11)
83
54
B5
PD2
I/O FT
PD2
TIM3_ETR
84
-
-
-
PD3
I/O FT
PD3
USART2_CTS
85
-
-
-
PD4
I/O FT
PD4
USART2_RTS
86
-
-
-
PD5
I/O FT
PD5
USART2_TX
87
-
-
-
PD6
I/O FT
PD6
USART2_RX
88
-
-
-
PD7
I/O FT
PD7
USART2_CK
89
55
A5
39
PB3
I/O FT
JTDO
TIM2_CH2 / PB3
TRACESWO
SPI1_SCK
Table 4.
STM32F100xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84