| Moteur de recherche de fiches techniques de composants électroniques |
|
TS393 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
TS393 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
|
3 / 7 page ![]() TS393 Low Power Low Offset Voltage Dual Comparators 3/3 Version: A09 Electrical Characteristics Curve Figure 1. Input Bias Current vs. Power Supply Voltage Figure 2. Output Saturation Voltage vs. Output Sink Current Figure 3. Power Supply Current vs. Power Supply Voltage Application information This dual comparator feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if the outputs are capacitive coupled to the inputs via stray capacitance. This oscillation manifests itself during output transitions (VOL to VOH). To alleviate this situation input resistors<10KΩ should be used. The addition of positive feedback (<10 mV) is also recommended. It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage without damaging the comparator's inputs. Voltages more negative than -0.3V should not be used. |