Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RB495DRF Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce RB495DRF
Description  40V, 350mA, SMD Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RB495DRF Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  RB495DRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RB495DRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RB495D
40V,350mA,SMD Schottky Diode
Small Signal Diode
Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
0.01
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FIG 3 Admissible Power Dissipation Curve
0
50
100
150
200
250
0
25
50
75
100
125
150
FIG 4 Typical Junction Capacitance
0
20
40
60
80
100
0
5
10
15
20
25
30
Ambient Temperature (°C)
Reverse Voltage (V)
Ta=25°C
FIG 2 Reverse Current vs Reverse Voltage
1
10
100
1000
10000
0
10
203040
5060
Ta=25°C
Instantaneous Forward Volatge (V)
Reverse Volatge (V)
Version : A09



Html Pages

1 2