Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4GMP820 Fiches technique(PDF) 2 Page - Transcend Information. Inc.

No de pièce TS4GMP820
Description  2GB/4GB USB Flash Drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GMP820 Fiches technique(HTML) 2 Page - Transcend Information. Inc.

  TS4GMP820 Datasheet HTML 1Page - Transcend Information. Inc. TS4GMP820 Datasheet HTML 2Page - Transcend Information. Inc. TS4GMP820 Datasheet HTML 3Page - Transcend Information. Inc. TS4GMP820 Datasheet HTML 4Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USB Flash Drive capabilities for data
transfer and storage, plus additional
software
7
Equalizer
effects,
including
a
customizable USER EQ setting
Powered using a rechargeable Li-ion
battery (fully charged battery supports
over 15 hours of continuous operation)
Hi-Speed Mini USB 2.0 port for easy
computer connectivity and fast file
transfers
Sleep Mode, preset the player to
Auto-Power OFF after 15, 30, or 60
minutes
Automatic screen saver runs if the unit
is idle for more than a few seconds,
this acts as a battery saving measure
Real Time Clock (RTC) displays local
and world times
Block Diagram
With 1 pcs of 2Gx8 Flash Memory
1Gx8
2Gx8
4Gx8



Html Pages

1 2 3 4