Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4GSDMHC Fiches technique(PDF) 21 Page - Transcend Information. Inc.

No de pièce TS4GSDMHC
Description  4GB High Capacity miniSD Card
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDMHC Fiches technique(HTML) 21 Page - Transcend Information. Inc.

Back Button TS4GSDMHC Datasheet HTML 17Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 18Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 19Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 20Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 21Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 22Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 23Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 24Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 25Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
m
m
miiin
n
niiiS
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4GB High Capacity miniSD Card
Transcend Information Inc.
21
4. RCA Register
The writable 16-bit relative card address register carries the card address that is published by the card during the card
identification. This address is used for the addressed host-card communication after the card identification procedure.
The default value of the RCA register is 0x0000. The value0x0000 is reserved to set all cards into the Stand-by State
with CMD7.
5. DSR Register (Optional)
The 16-bit driver stage register is described in detail in Chapter 6.5. It can be optionally used to improve the bus
performance for extended operating conditions (depending on parameters like bus length, transfer rate or number of
cards). The CSD register carries the information about the DSR register usage. The default value of the DSR register is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27