| Moteur de recherche de fiches techniques de composants électroniques |
|
ES5129F Fiches technique(PDF) 2 Page - Cyrustek corporation |
|
|
|||||||||||||||||||||||||||||
ES5129F Fiches technique(HTML) 2 Page - Cyrustek corporation |
|
2 / 12 page ![]() 07/03/01 2 ES5129 4-1/2 digit with LCD Pin Assignment DIP-40L Pin Description DIP-40L Pin No Symbol Type Description 1 OSC1 I Input to first clock inverter. 2 OSC3 O Output of second clock inverter. 3 ANNUNC O Backplane squarewave output for driving annunctors. 4 B1, C1, CONT O Output to LCD segment. 5 A1, G1, D1 O Output to LCD segment. 6 F1, E1, DP1 O Output to LCD segment. 7 B2, C2, LBAT O Output to LCD segment. 8 A2, G2 ,D2 O Output to LCD segment. OSC1 OSC3 ANNUNC B1, C1, CONT A1, G1, D1 F1, E1, DP1 B2, C2, LBAT A2, G2, D2 F2, E2, DP2 B3, C3, MINUS A3, G3, D3 F3, E3, DP3 B4, C4, BC5 A4, G4, D4 F4, E4, DP4 BP3 BP2 BP1 VDISP DP4/OR OSC2 DP1 DP2 RANGE DGND REF_LO REF_HI IN_HI IN_LO BUFFER CREF- CREF+ COMMON CONTINUITY CINT CAZ V+ V- HOLD DP3/UR 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 |