| Moteur de recherche de fiches techniques de composants électroniques |
|
DM9013EP Fiches technique(PDF) 62 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9013EP Fiches technique(HTML) 62 Page - Davicom Semiconductor, Inc. |
|
62 / 75 page ![]() DM9013 3-port switch with Processor Interface 62 Preliminary datasheet DM9013-15-DS-P03 April 9, 2009 9.4.1.7 4B5B Code Group Symbol Meaning 4B code 3210 5B Code 43210 0 Data 0 0000 11110 1 Data 1 0001 01001 2 Data 2 0010 10100 3 Data 3 0011 10101 4 Data 4 0100 01010 5 Data 5 0101 01011 6 Data 6 0110 01110 7 Data 7 0111 01111 8 Data 8 1000 10010 9 Data 9 1001 10011 A Data A 1010 10110 B Data B 1011 10111 C Data C 1100 11010 D Data D 1101 11011 E Data E 1110 11100 F Data F 1111 11101 I Idle undefined 11111 J SFD (1) 0101 11000 K SFD (2) 0101 10001 T ESD (1) undefined 01101 R ESD (2) undefined 00111 H Error undefined 00100 V Invalid undefined 00000 V Invalid undefined 00001 V Invalid undefined 00010 V Invalid undefined 00011 V Invalid undefined 00101 V Invalid undefined 00110 V Invalid undefined 01000 V Invalid undefined 01100 V Invalid undefined 10000 V Invalid undefined 11001 Table 1 |