Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6281R Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce MCP6281R
Description  450 關A, 5 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6281R Fiches technique(HTML) 20 Page - Microchip Technology

Back Button MCP6281R Datasheet HTML 16Page - Microchip Technology MCP6281R Datasheet HTML 17Page - Microchip Technology MCP6281R Datasheet HTML 18Page - Microchip Technology MCP6281R Datasheet HTML 19Page - Microchip Technology MCP6281R Datasheet HTML 20Page - Microchip Technology MCP6281R Datasheet HTML 21Page - Microchip Technology MCP6281R Datasheet HTML 22Page - Microchip Technology MCP6281R Datasheet HTML 23Page - Microchip Technology MCP6281R Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MCP6281/1R/2/3/4/5
DS21811E-page 20
© 2008 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (MCP6284)
Example:
14-Lead TSSOP (MCP6284)
Example:
14-Lead SOIC (150 mil) (MCP6284)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
MCP6284-E/P
0722256
6284EST
0437
256
XXXXXXXXXX
MCP6284ESL
0722256
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6281
E/SN0722
256
MCP6281E
SN
0722
256
OR
3
e
MCP6284
0722256
E/P 3
e
OR
MCP6284
0722256
E/SL^^
OR
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36