Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8530 Fiches technique(PDF) 27 Page - ams AG

No de pièce AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Fiches technique(HTML) 27 Page - ams AG

Back Button AS8530 Datasheet HTML 21Page - ams AG AS8530 Datasheet HTML 22Page - ams AG AS8530 Datasheet HTML 23Page - ams AG AS8530 Datasheet HTML 24Page - ams AG AS8530 Datasheet HTML 25Page - ams AG AS8530 Datasheet HTML 26Page - ams AG AS8530 Datasheet HTML 27Page - ams AG AS8530 Datasheet HTML 28Page - ams AG AS8530 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
27 - 29
AS8530
Preliminary Data Sheet - P a c k age Drawings and M a rkings
9 Package Drawings and Markings
The device is available in a epSOIC package.
Figure 20. Package Drawings
Table 18. Package Dimensions
Symbol
mm
Min
Typ
Max
D4.93
E3.94
P1
2.24
3.1
3.2
P2
1.55
2.41
2.51
L
0.41
0.64
0.89
e1.27
B
0.35
0.41
0.49
H5.99
A1
0.00
0.05
0.10
D
L
P1
Bottom View
Top View
Side View
e
B
AYWWI
ZZ853
5111Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29