| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8218BLQS Fiches technique(PDF) 53 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8218BLQS Fiches technique(HTML) 53 Page - ams AG |
|
53 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 53 of 123 Drive Signals: Timing and Levels The following graphic shows examples of the timing of the drive signals. CLK LCD Frame LBP0 LBP1 LBP2 LBP3 V 3 V 2 V 1 V 0 V 3 V 2 V 1 V 0 V 3 V 2 V 1 V 0 V 3 V 2 V 1 V 0 LBP0 LBP3 LBP2 LBP1 V 3 V 2 V 1 V 0 LSD0 LSD1 V 3 V 2 V 1 V 0 LSD2 V 3 V 2 V 1 V 0 LSD3 V 3 V 2 V 1 V 0 LSD4 V 3 V 2 V 1 V 0 LSD5 V 3 V 2 V 1 V 0 Figure 7: LCD multiplexing waveform |