| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5311ASST Fiches technique(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5311ASST Fiches technique(HTML) 18 Page - ams AG |
|
18 / 23 page ![]() AS5311 Data Sheet www.austriamicrosystems.com Revision 1.01 18 - 23 Figure 14: Alignment of Magnet Strip with AS5311 Sensor IC 1.00 ± 0.1 3.0475±0.235 Die C/L Note: all dimensions are in mm S N S N S N S N S N AS5311 Package Outline 3.0475±0.235 Die C/L S N S N S N S N S N see text leftmost magnet position vertical airgap 1.00 1.00 magnet strip carrier rightmost magnet position position value increases position value decreases |