Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5311ASSU Fiches technique(PDF) 21 Page - ams AG

No de pièce AS5311ASSU
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5311ASSU Fiches technique(HTML) 21 Page - ams AG

Back Button AS5311ASSU Datasheet HTML 15Page - ams AG AS5311ASSU Datasheet HTML 16Page - ams AG AS5311ASSU Datasheet HTML 17Page - ams AG AS5311ASSU Datasheet HTML 18Page - ams AG AS5311ASSU Datasheet HTML 19Page - ams AG AS5311ASSU Datasheet HTML 20Page - ams AG AS5311ASSU Datasheet HTML 21Page - ams AG AS5311ASSU Datasheet HTML 22Page - ams AG AS5311ASSU Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
21 - 23
13 Package Drawings and Marking
20 Lead Thin Shrink Small Outline Package – TSSOP20
Figure 17: AS5311 Package Dimensions and Hall Array Location
0.2299±0.100
0.2341±0.100
0.7701±0.150
Package
Outline
3.0475±0.235
Die C/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23