Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5311 Fiches technique(PDF) 18 Page - ams AG

No de pièce AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Fiches technique(HTML) 18 Page - ams AG

Back Button AS5311 Datasheet HTML 14Page - ams AG AS5311 Datasheet HTML 15Page - ams AG AS5311 Datasheet HTML 16Page - ams AG AS5311 Datasheet HTML 17Page - ams AG AS5311 Datasheet HTML 18Page - ams AG AS5311 Datasheet HTML 19Page - ams AG AS5311 Datasheet HTML 20Page - ams AG AS5311 Datasheet HTML 21Page - ams AG AS5311 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
18 - 23
Figure 14: Alignment of Magnet Strip with AS5311 Sensor IC
1.00 ± 0.1
3.0475±0.235
Die C/L
Note: all dimensions are in mm
S N
S
N
S
N
S
N
S
N
AS5311
Package
Outline
3.0475±0.235
Die C/L
S N
S
N
S
N
S
N
S
N
see text
leftmost magnet position
vertical airgap
1.00
1.00
magnet
strip
carrier
rightmost magnet position
position value
increases
position value
decreases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23